|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.5-inch MSB200 - 3.5-inch Intel Atom 1.1GHz - 1.6GHz Features * Intel Atom Z510 / Z530 1.1GHz - 1.6GHz * Intel US15W System Controller Hub (SCH) * 512MB - 2GB Soldered DDR2 DRAM * Onboard CF II socket (PATA) * 2x SATA * Onboard DVI * LVDS Interface (optional) * 10/100 Ethernet LAN * Gigabit Ethernet LAN * PCIe Minicard slot * 3.5-inch form factor Ordering Information Item Code Base MSB200-11G-05GB MSB200-11G-1GB MSB200-11G-2GB MSB200-16G-05GB MSB200-16G-1GB MSB200-16G-2GB Base Options / Accessories MSB200CON MSB200CK PowerSupply 19V/60W U.S. Power Cable MSB200 Heatspreader Option: MSB200-LVDS Option P+ 802277 802218 812029 100-9639 807046 802276 807005 Connectorboard f. MSB200 DSub to COM1 and LPT1 Cableset: 2xSATA (30cm) 1x COM2 (30cm) to DSub9 ACin:110-240V 60W Uout:19V 3Amp. without: powercord (order U.S. Power cable (spare) Thermal conduct. cooling 146x 102x 4mm LVDS Connector mounted PC/104plus Connector added 802273 802274 802275 802270 802271 802272 Z510, 512MB Z510, 1GB Z510, 2GB Z530, 512MB Z530, 1GB Z530, 2GB Description Description Part # The MICROSPACE(R) MSB200 3.5" single board computer is based on Intel`s latest Atom processor (Z510 / Z530) and has all of the standard PC interfaces plus a second Ethernet LAN and a stereo sound controller. In contrast to the PC/104-Plus cards, all interfaces are connected using standard plugs; this means low-cost cable-free housing integration. The PCI/104 bus (32bit PCI), MiniPCI socket and 6 USB interfaces are available as optional functional extensions. A wide range power feed is also onboard so that cost-effective power supply units can be used. Data subject to change without notice Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com 3.5-inch Technical Specifications FEATURE Part no. (incl. 0.5GB RAM) Part no. (incl. 1.0GB RAM) Part no. (incl. 2.0GB RAM) (not from stock) CPU ISA-BUS PCI-BUS PCI Express-BUS 2nd Level cache (kB) Performance (GHz) DRAM soldered CompactFlash socket Keyboard mouse (PS/2) Boot drive Floppy interface IDE interface P-ATA IDE interface S-ATA COM1 COM2 COM3 COM4 LPT1 USB (2.0) LAN Port 1 incl. onboard transformer LAN Port 2 incl. onboard transformer Audio Video controller Video Memory LCD interface (option 802276) DVI interface CRT interface Video input Watchdog Power normal (typ.) Power suspend Power management RTC battery onboard (typ. 5 years) Cooling type Operating temperature Extended operating temperature (E48) Size (W x L x H in mm) Weight MTBF Special features 1 Special features 2 Special features 3 MSB200-16G-xxGB 802270 802271 802272 Atom Z530 yes (option) 512 1.6GHz 0.5 - 2GB yes, type II HD, CF, USB, LAN CF 2x RS232C RS232C yes 6x 1x client 10/100BASE-T 1GB-LAN Stereo In/Out internal Shared GMA 500 yes yes yes 8V-30V/12W 0.1W yes 235mAh passive -25C to +70C* -40C to +85C* 146 x 102 x 22 150 g >200'000h PCIe MiniCard socket - MSB200-11G-xxGB 802273 802274 802275 Atom Z510 yes (option) 512 1.1GHz 0.5 - 2GB yes, type II HD, CF, USB, LAN CF 2x RS232C RS232C yes 6x 1x client 10/100BASE-T 1GB-LAN Stereo In/Out internal Shared GMA 500 yes yes yes 8V-30V/10W 0.1W yes 235mAh passive -25C to +70C -40C to +85C 146 x 102 x 22 150 g >200'000h PCIe MiniCard socket - Data subject to change without notice Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com |
Price & Availability of MSB200 |